Part Number Hot Search : 
I74F112D AD730 PFRA250 FDW9926 AD711 CLM4322N B89PV670 P6KE36
Product Description
Full Text Search
 

To Download PESD3V3L1B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PESDxL1BA series
Low capacitance bidirectional ESD protection diodes in SOD323
Rev. 01 -- 4 October 2004 Product data sheet
1. Product profile
1.1 General description
Bidirectional ElectroStatic Discharge (ESD) protection diodes in a very small SOD323 (SC-76) SMD plastic package designed to protect one signal line from the damage caused by ESD and other transients.
1.2 Features
s s s s Bidirectional ESD protection of one line Max. peak pulse power: Ppp = 500 W Low clamping voltage: V(CL)R = 26 V Ultra low leakage current: IRM < 0.09 A s s s s ESD protection > 23 kV IEC 61000-4-2, level 4 (ESD) IEC 61000-4-5 (surge); Ipp = 18 A Very small SMD plastic package.
1.3 Applications
s Computers and peripherals s Communication systems s Audio and video equipment s Data lines s CAN bus protection.
1.4 Quick reference data
Table 1: Symbol VRWM Quick reference data Parameter reverse stand-off voltage PESD3V3L1BA PESD5V0L1BA PESD12VL1BA PESD15VL1BA PESD24VL1BA Cd diode capacitance PESD3V3L1BA PESD5V0L1BA PESD12VL1BA PESD15VL1BA PESD24VL1BA VR = 0 V; f = 1 MHz 101 75 19 16 11 pF pF pF pF pF 3.3 5.0 12 15 24 V V V V V Conditions Min Typ Max Unit
Philips Semiconductors
PESDxL1BA series
Low capacitance bidirectional ESD protection diodes in SOD323
2. Pinning information
Table 2: Pin 1 2 Pinning Description cathode 1 cathode 2
1 2 1
sym045
Simplified outline
Symbol
2
3. Ordering information
Table 3: Ordering information Package Name PESDxL1BA series SC-76 Description plastic surface mounted package; 2 leads Version SOD323 Type number
4. Marking
Table 4: Marking codes Marking code AB AC AD AE AF Type number PESD3V3L1BA PESD5V0L1BA PESD12VL1BA PESD15VL1BA PESD24VL1BA
9397 750 13595
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 -- 4 October 2004
2 of 15
Philips Semiconductors
PESDxL1BA series
Low capacitance bidirectional ESD protection diodes in SOD323
5. Limiting values
Table 5: Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol Ppp Parameter peak pulse power PESD3V3L1BA PESD5V0L1BA PESD12VL1BA PESD15VL1BA PESD24VL1BA Ipp peak pulse current PESD3V3L1BA PESD5V0L1BA PESD12VL1BA PESD15VL1BA PESD24VL1BA Tj Tamb Tstg
[1]
Conditions 8/20 s
[1]
Min -
Max 500 500 200 200 200 18 15 5 5 3 150 +150 +150
Unit W W W W W A A A A A C C C
8/20 s
[1]
-65 -65
junction temperature ambient temperature storage temperature
Non-repetitive current pulse 8/20 s exponential decay waveform; see Figure 1.
Table 6: Symbol ESD
ESD maximum ratings Parameter electrostatic discharge capability PESD3V3L1BA PESD5V0L1BA PESD12VL1BA PESD15VL1BA PESD24VL1BA PESDxL1BA series HBM MIL-Std 883 Conditions IEC 61000-4-2 (contact discharge)
[1]
Min
Max
Unit
-
30 30 30 30 23 10
kV kV kV kV kV kV
[1]
Device stressed with ten non-repetitive ESD pulses; see Figure 2.
Table 7: Standard
ESD standards compliance Conditions > 15 kV (air); > 8 kV (contact) > 4 kV
IEC 61000-4-2; level 4 (ESD); Figure 2 HBM MIL-Std 883; class 3
9397 750 13595
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 -- 4 October 2004
3 of 15
Philips Semiconductors
PESDxL1BA series
Low capacitance bidirectional ESD protection diodes in SOD323
001aaa631
120 Ipp (%) 80 100 % Ipp; 8 s
001aaa630
Ipp 100 % 90 %
e-t 50 % Ipp; 20 s
40
10 % tr = 0.7 to 1 ns 0 10 20 30 t (s) 40 30 ns 60 ns t
0
Fig 1. 8/20 s pulse waveform according to IEC 61000-4-5.
Fig 2. ESD pulse waveform according to IEC 61000-4-2.
9397 750 13595
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 -- 4 October 2004
4 of 15
Philips Semiconductors
PESDxL1BA series
Low capacitance bidirectional ESD protection diodes in SOD323
6. Characteristics
Table 8: Characteristics Tamb = 25 C unless otherwise specified. Symbol VRWM Parameter reverse stand-off voltage PESD3V3L1BA PESD5V0L1BA PESD12VL1BA PESD15VL1BA PESD24VL1BA IRM reverse leakage current PESD3V3L1BA PESD5V0L1BA PESD12VL1BA PESD15VL1BA PESD24VL1BA V(BR) breakdown voltage PESD3V3L1BA PESD5V0L1BA PESD12VL1BA PESD15VL1BA PESD24VL1BA Cd diode capacitance PESD3V3L1BA PESD5V0L1BA PESD12VL1BA PESD15VL1BA PESD24VL1BA V(CL)R clamping voltage PESD3V3L1BA PESD5V0L1BA PESD12VL1BA PESD15VL1BA PESD24VL1BA Ipp = 1 A Ipp = 18 A Ipp = 1 A Ipp = 15 A Ipp = 1 A Ipp = 5A Ipp = 1 A Ipp = 5 A Ipp = 1 A Ipp = 3 A
[1]
Conditions
Min -
Typ 0.09 0.01 <1 <1 <1 6.4 7.6 15.9 18.9 27.8
Max 3.3 5.0 12 15 24 2 1 50 50 50 6.9 8.2 16.7 20.3 30.3
Unit V V V V V A A nA nA nA V V V V V
see Figure 7 VRWM = 3.3 V VRWM = 5.0 V VRWM = 12 V VRWM = 15 V VRWM = 24 V IR = 5 mA 5.8 7.0 14.2 17.1 25.4 VR = 0 V; f = 1 MHz; see Figure 5 and 6 101 75 19 16 11 8 26 10 33 20 37 25 44 40 70 pF pF pF pF pF V V V V V V V V V V -
9397 750 13595
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 -- 4 October 2004
5 of 15
Philips Semiconductors
PESDxL1BA series
Low capacitance bidirectional ESD protection diodes in SOD323
Table 8: Characteristics ...continued Tamb = 25 C unless otherwise specified. Symbol rdif Parameter differential resistance PESD3V3L1BA PESD5V0L1BA PESD12VL1BA PESD15VL1BA PESD24VL1BA
[1] Non-repetitive current pulse 8/20 s exponential decay waveform; see Figure 1.
Conditions IR = 1 mA
Min -
Typ -
Max 400 80 200 225 300
Unit
9397 750 13595
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 -- 4 October 2004
6 of 15
Philips Semiconductors
PESDxL1BA series
Low capacitance bidirectional ESD protection diodes in SOD323
104 Ppp (W) 103
006aaa066
1.2 Ppp Ppp(25C) 0.8
001aaa193
(1)
102
(2)
0.4
10 1 10
102
103 t p (s)
104
0 0 50 100 150 Tj (C) 200
Tamb = 25 C. tp = 8/20 s exponential decay waveform; see Figure 1. (1) PESD3V3L1BA and PESD5V0L1BA. (2) PESD12VL1BA; PESD15VL1BA; PESD24VL1BA.
Fig 3. Peak pulse power dissipation as a function of pulse time; typical values.
Fig 4. Relative variation of peak pulse power as a function of junction temperature; typical values.
20 Cd (pF) 16
006aaa068
110 Cd (pF) 100
006aaa067
90
(1)
12
(1)
80 8 70
(2) (2) (3)
60
4
50 0 1 2 3 4 VR (V) 5
0 0 5 10 15 20 VR (V) 25
Tamb = 25 C; f = 1 MHz. (1) PESD3V3L1BA. (2) PESD5V0L1BA.
Tamb = 25 C; f = 1 MHz. (1) PESD12VL1BA. (2) PESD15VL1BA. (3) PESD24VL1BA.
Fig 5. Diode capacitance as a function of reverse voltage; typical values.
Fig 6. Diode capacitance as a function of reverse voltage; typical values.
9397 750 13595
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 -- 4 October 2004
7 of 15
Philips Semiconductors
PESDxL1BA series
Low capacitance bidirectional ESD protection diodes in SOD323
10 IRM IRM(25C)
006aaa069
(1)
1
10-1 -100
-50
0
50
100 Tj (C)
150
(1) PESD3V3L1BA; PESD5V0L1BA. For PESD12VL1BA, PESD15VL1BA and PESD24VL1BA, IRM < 20 nA at 150 C.
Fig 7. Relative variation of reverse leakage current as a function of junction temperature; typical values.
9397 750 13595
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 -- 4 October 2004
8 of 15
Philips Semiconductors
PESDxL1BA series
Low capacitance bidirectional ESD protection diodes in SOD323
ESD TESTER RZ CZ
450
RG 223/U 50 coax
4 GHz DIGITAL OSCILLOSCOPE 10x ATTENUATOR
50
1
IEC 61000-4-2 network CZ = 150 pF; RZ = 330 2
DUT: PESDxL1BA
vertical scale = 200 V/div horizontal scale = 50 ns/div
vertical scale = 20 V/div; horizontal scale = 50 ns/div PESD24VL1BA GND PESD15VL1BA GND PESD12VL1BA GND PESD5V0L1BA GND
GND GND unclamped +1 kV ESD voltage waveform (IEC 61000-4-2 network)
PESD3V3L1BA
clamped +1 kV ESD voltage waveform (IEC 61000-4-2 network)
vertical scale = 20 V/div; horizontal scale = 50 ns/div GND GND PESD3V3L1BA
GND GND
PESD5V0L1BA
PESD12VL1BA
GND
PESD15VL1BA
GND PESD24VL1BA vertical scale = 200 V/div horizontal scale = 50 ns/div unclamped -1 kV ESD voltage waveform (IEC 61000-4-2 network) clamped -1 kV ESD voltage waveform (IEC 61000-4-2 network)
006aaa070
Fig 8. ESD clamping test set-up and waveforms.
9397 750 13595
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 -- 4 October 2004
9 of 15
Philips Semiconductors
PESDxL1BA series
Low capacitance bidirectional ESD protection diodes in SOD323
7. Application information
The PESDxL1BA series is designed for bidirectional protection of one signal line from the damage caused by Electro Static Discharge (ESD) and surge pulses. The PESDxL1BA series may be used on lines where the signal polarity is above and below ground. The PESDxL1BA series provides a surge capability of up to 500 W per line for a 8/20 s waveform.
line to be protected
PESDxL1BA
006aaa071
ground
Fig 9. Typical application: Bidirectional protection of one signal line.
Circuit board layout and protection device placement Circuit board layout is critical for the suppression of ESD, Electrical Fast Transient (EFT) and surge transients. The following guidelines are recommended: 1. Place the protection device as close to the input terminal or connector as possible. 2. The path length between the protection device and the protected line should be minimized. 3. Keep parallel signal paths to a minimum. 4. Avoid running protected conductors in parallel with unprotected conductor. 5. Minimize all printed-circuit board conductive loops including power and ground loops. 6. Minimize the length of the transient return path to ground. 7. Avoid using shared transient return paths to a common ground point. 8. Ground planes should be used whenever possible. For multilayer printed-circuit boards, use ground vias.
9397 750 13595
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 -- 4 October 2004
10 of 15
Philips Semiconductors
PESDxL1BA series
Low capacitance bidirectional ESD protection diodes in SOD323
8. Package outline
Plastic surface mounted package; 2 leads SOD323
D
A
E
X
HD
v
M
A
Q
1
2
bp A
A1
(1)
c Lp detail X
0
1 scale
2 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 1.1 0.8 A1 max 0.05 bp 0.40 0.25 c 0.25 0.10 D 1.8 1.6 E 1.35 1.15 HD 2.7 2.3 Lp 0.45 0.15 Q 0.25 0.15 v 0.2
Note 1. The marking bar indicates the cathode OUTLINE VERSION SOD323 REFERENCES IEC JEDEC JEITA SC-76 EUROPEAN PROJECTION ISSUE DATE 99-09-13 03-12-17
Fig 10. Package outline SOD323 (SC-76).
9397 750 13595 (c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 -- 4 October 2004
11 of 15
Philips Semiconductors
PESDxL1BA series
Low capacitance bidirectional ESD protection diodes in SOD323
9. Packing information
Table 9: Packing methods The indicated -xxx are the last three digits of the 12NC ordering code. [1] Type number PESDxL1BA series
[1]
Package SOD323
Description 4 mm pitch, 8 mm tape and reel
Packing quantity 3000 -115 10000 -135
For further information and the availability of packing methods, see Section 14.
9397 750 13595
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 -- 4 October 2004
12 of 15
Philips Semiconductors
PESDxL1BA series
Low capacitance bidirectional ESD protection diodes in SOD323
10. Revision history
Table 10: Revision history Release date 20041004 Data sheet status Product data sheet Change notice Doc. number 9397 750 13595 Supersedes Document ID PESDXL1BA_SER_1
9397 750 13595
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 -- 4 October 2004
13 of 15
Philips Semiconductors
PESDxL1BA series
Low capacitance bidirectional ESD protection diodes in SOD323
11. Data sheet status
Level I II Data sheet status [1] Objective data Preliminary data Product status [2] [3] Development Qualification Definition This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN).
III
Product data
Production
[1] [2] [3]
Please consult the most recently issued data sheet before initiating or completing a design. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. For data sheets describing multiple type numbers, the highest-level product status determines the data sheet status.
12. Definitions
Short-form specification -- The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition -- Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information -- Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification.
13. Disclaimers
Life support -- These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes -- Philips Semiconductors reserves the right to make changes in the products - including circuits, standard cells, and/or software - described or contained herein in order to improve design and/or performance. When the product is in full production (status `Production'), relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN). Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
14. Contact information
For additional information, please visit: http://www.semiconductors.philips.com For sales office addresses, send an email to: sales.addresses@www.semiconductors.philips.com
9397 750 13595
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 -- 4 October 2004
14 of 15
Philips Semiconductors
PESDxL1BA series
Low capacitance bidirectional ESD protection diodes in SOD323
15. Contents
1 1.1 1.2 1.3 1.4 2 3 4 5 6 7 8 9 10 11 12 13 14 Product profile . . . . . . . . . . . . . . . . . . . . . . . . . . 1 General description. . . . . . . . . . . . . . . . . . . . . . 1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Quick reference data. . . . . . . . . . . . . . . . . . . . . 1 Pinning information . . . . . . . . . . . . . . . . . . . . . . 2 Ordering information . . . . . . . . . . . . . . . . . . . . . 2 Marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 3 Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 5 Application information. . . . . . . . . . . . . . . . . . 10 Package outline . . . . . . . . . . . . . . . . . . . . . . . . 11 Packing information. . . . . . . . . . . . . . . . . . . . . 12 Revision history . . . . . . . . . . . . . . . . . . . . . . . . 13 Data sheet status . . . . . . . . . . . . . . . . . . . . . . . 14 Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 Contact information . . . . . . . . . . . . . . . . . . . . 14
(c) Koninklijke Philips Electronics N.V. 2004
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights. Date of release: 4 October 2004 Document number: 9397 750 13595
Published in The Netherlands


▲Up To Search▲   

 
Price & Availability of PESD3V3L1B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X